PART |
Description |
Maker |
IRFP3703 |
30V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=30V, Rds(on)max=0.0028ohm, Id=210A?
|
International Rectifier
|
IRLML2803 IRLML2803TR IRLML2803PBF |
30V Single N-Channel HEXFET Power MOSFET in a Micro 3 package Power MOSFET(Vdss=30V, Rds(on)=0.25ohm)
|
IRF[International Rectifier]
|
IRF9410 IRF9410TR |
30V Single N-Channel HEXFET Power MOSFET in a SO-8 package Power MOSFET(Vdss=30V/ Rds(on)=0.030ohm)
|
International Rectifier
|
NTMS4705N |
Power MOSFET 30V, 12A, Single N Channel, SO8(30V, 12A锛????OSFET)
|
ON Semiconductor
|
NTMFS4120N |
Power MOSFET 30V, 31A, Single N Channel, SO8 Flat Lead(30V, 31A锛????OSFET)
|
ON Semiconductor
|
AM29F400BT-50FC AM29F400BT-50FI AM29F400BB-50EE AM |
55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF2805 with Lead Free Packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL3215 with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL520N with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRL3705ZS with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7492 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFZ46ZS with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB4215 with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a Super 247 (TO-274AA) package; A IRFPS3810 with Standard Packaging 80V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRLU2908 with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF1310NL with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SOT-223 package; A IRLL2703 with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRFZ34VL with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; A IRFIZ24E with Standard Packaging A 30V Single N-Channel HEXFET Power MOSFET in a DirectFET ST package. Recommended replacement is IRF6621; A IRF6604 with Standard Tape and Reel Quantity 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRLZ34NS with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7452 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL3803V with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRFZ48NS with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRF3710ZL with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; Similar to IRLI2203N with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRL3714ZL with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRFZ48ZL with Standard Packaging 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3714S with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRL3714S with Standard Packaging 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 5V PROM, 55 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 5V PROM, 55 ns, PDSO44 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 5V PROM, 70 ns, PDSO48 x8/x16 Flash EEPROM x8/x16闪存EEPROM
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
IRF3703 IRF3703PBF |
30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=30V, Rds(on)max=2.8mohm, Id=210A? Power MOSFET(Vdss=30V, Rds(on)max=2.8mohm, Id=210A) Power MOSFET(Vdss=30V, Rds(on)max=2.8mohm, Id=210A?) Power MOSFET(Vdss=30V/ Rds(on)max=2.8mohm/ Id=210A)
|
International Rectifier
|
TPH11006NL |
Power MOSFET (N-ch single 30V<VDSS??0V) Power MOSFET (N-ch single 30V<VDSS≤60V)
|
Toshiba, Corp.
|
IRF3707ZCL IRF3707ZCS |
30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package
|
International Rectifier
|
IRF7811W IRF7811WTR |
30V Single N-Channel HEXFET Power MOSFET in a SO-8 package Power MOSFET for DC-DC Converters 功率MOSFET用于DC - DC转换
|
http:// International Rectifier, Corp.
|